PART |
Description |
Maker |
SAM-D21J-14 SAM-D21-14 SAM-D21G-14 |
SMART ARM-Based Microcontroller
|
ATMEL Corporation
|
STR91X-SKKEI STL40N75LF3 |
Keil starter kits for ST ARM core-based microcontrollers Keil starter kits for ST ARM core-based microcontrollers N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
|
STMicroelectronics
|
STM32-SK-IAR STM32-SK_IAR STM3210C-SK_IAR STM3210E |
IAR starter kits for ST ARM core-based microcontrollers IAR垄芒 starter kits for ST ARM core-based microcontrollers
|
意法半导 STMicroelectronics
|
STM32F205ZC STM32F207XX STM32F205RC STM32F205VC ST |
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera STM32F205RET6VTR ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM
|
STMicroelectronics
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
AT86RF401X AT86RF401 AT86RF401E AT86RF401U |
Smart RF Wireless Data Microtransmitter
|
ATMEL[ATMEL Corporation]
|
AT86RF401 |
Smart RF Wireless Data Transmitter
|
Atmel
|
AT91SAM7A2 AT91SAM7A2-AI |
ARM Thumb - based Microcontrollers
|
http:// ATMEL[ATMEL Corporation] Atmel Corp.
|
AT91SAM7S32-MU AT91SAM7S16 AT91SAM7S16-AU AT91SAM7 |
AT91 ARM Thumb-based Microcontrollers
|
http:// ATMEL Corporation
|
AT91SAM7XC128 |
ARM Thumb-based Microcontrollers ARM公司Thumb微控制器
|
Atmel, Corp.
|
AT91M55800A-33AU AT91M55800A-33CJ AT91M55800A07 |
AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|